Part Number Hot Search : 
LP133X4 BU426 A3130 331M16 LT1308A1 RS5C372A VXA32 93010
Product Description
Full Text Search
 

To Download FR2504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FR2504 2 5 a m p fast recovery rectifier features ? high current(i f(av)=25a )  
 omp onents 2 0736 marilla street chatsworth       
     mcc revision: 2 2008/01/01 tm micro commercial components rating symbol value units peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v dc 400 v average rectified forword current(t c =100  ) non-repetitive peak forward surge current operating junction and storage temperature range rating symbol value units thermal resistance junction to case   
 r thjc 1  /watt i f(av) 25 a i fsm 280 a v rrm 400 v v rrm 400 v parameter symbol conditions typical max units i f =25a 1.17 1.3 i f =50a 1.35 1.5 reverse leakage current i r v r =400v -- 10 ua i f =0.5a,i r =1.0a i rr =0.25a 110 250 v ns forward voltage(note 2) v f trr reverse recovery time thermal characteristics maximum ratings electrical characteristics ( t = 25c unless otherwise noted ) j ? marking:FR2504 www. mccsemi .com 1 of 3  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 n .080 .115 2.03 2.92 a b c k j i g f d n m l h pin 12 to-220ac pin 1 pin 2 case ? glass passivated junction ? lead free finish/rohs compliant(note 1) ("p" suffix designates ? low v f for forward conduction losses ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 rohs compliant. see ordering information) f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 .210 4.83 5.33 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 
  notes: 1. high temperature solder exemption applied, see eu directive annex 7. 2. short duration pulse to minimize self-heating
FR2504 mcc revision: 2 2008/01/01 tm micro commercial components typical characteristics (t = 25c unless otherwise noted) 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 forw ard voltage, v f (v) forward current, i f (a) t j = 25 c t j = 75 c t j = 150 c 0.01 0.10 1.00 10.00 100.00 0 100 200 300 400 500 reverse voltage, v r (v) reverse current, i r (ua) t j = 25 c t j = 75 c t j = 150 c 10 100 1000 0.1 1 10 100 reverse voltage, v r (v) capacitance, c (pf f =1.0mhz figure 1. typical forward characteristics figure 2. typical reverse characteristics figure 3. current derating curves figure 4. typical capacitance 0 10 20 30 40 50 60 0 20 40 60 80 100 120 140 160 case temperature, t c (c) average forward current, i fav (a) square wave d c resistive load www. mccsemi .com 2 of 3
mcc revision: 2 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of FR2504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X